title scale date dr dwg rev the information contained in this document is propr ietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by p16eer11bwht 2:1 3/17/2010 xf0815p a blr 1 1 parts list description part number qty item p16eer11 f040015 1 1 p16 plastic terminal protector f051601 1 2 50-001-05 round opaque white lens (concave) F050105 1 3 50-004-04 12v incandescent bulb - 80ma f050404 1 4 panel mounting 7.20 [.283 in] 1 note: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. mechanical life: 2,000,000 operations 5. contact rating: 5a @250vac, 8a @125vac 6a @24vdc 6. mounting panel thickness: 0.5 - 5.0mm 7. seal rating: ip40 8. insulation resistance: 1,000 milli-ohm min. 9. operating temp.: -25c to 55c 10. travel: 3.0mm full travel 11. lamp voltage: incandescent: 14v (ac or dc), 80ma 12. denotes critical parameter. 13. 2002/95/ec (rohs) compliant a 18953 relelease for production 3/17/10 blr 18.00 min [.709 in] 18.00 min [.709 in] 16.00 n - .00 .30 + .630 - .000 .012 + in [ ] 24.00 [.945 in] 12.00 [.472 in] 12.00 [.472 in] 2 l 1 2 3 4 a b (+) spdt contact configuration 3 4 a b 1 2 3 4 n 18.00 [.709 in] 11.40 [.449 in] 40.00 [1.575 in] white
|